PART |
Description |
Maker |
AZ10EL07D AZ100EL07D |
ECL/PECL 2-Input XOR/XNOR ECL / PECL输入异或/异或
|
Arizona Microtek, Inc.
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
MC100EL90DW MC100EL90DWG MC100EL90DWR2 MC100EL90DW |
-3.3V / -5V Triple ECL Input to PECL Output Translator; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 TRIPLE ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20 −3.3V / −5V Triple ECL Input to PECL Output Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP01 MC100EP01DG MC100EP01DR2G MC100EP01DTG M |
3.3V / 5V ECL 4−Input OR/NOR
|
ONSEMI[ON Semiconductor]
|
MC10EL04DG MC10EL04DR2G |
5V ECL 2┸Input AND/NAND
|
ON Semiconductor
|
MC10E101 MC10E101FNR2G MC10E101-16 |
5V ECL Quad 4┸Input OR/NOR Gate
|
ON Semiconductor
|
74LVC3G17GD 74LVC3G17GM 74LVC3G17GT 74LVC3G17GM125 |
Triple non-inverting Schmitt trigger with 5 V tolerant input; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, TRIPLE 1-INPUT NON-INVERT GATE, PBCC8 Triple non-inverting Schmitt trigger with 5 V tolerant input; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" LVC/LCX/Z SERIES, TRIPLE 1-INPUT NON-INVERT GATE, PDSO8 Triple non-inverting Schmitt trigger with 5 V tolerant input
|
NXP Semiconductors N.V.
|
AND8090D AN1642D AN1504D AN1503D AN1568D AND8002D |
3.3V / 5V ECL 2-Input Differential XOR/XNOR
|
ON Semiconductor
|
AZM10EL07 AZ100EL07 AZ100EL07D AZ100EL07T AZM100EL |
ECL/PECL 2-Input XOR/XNOR
|
AZM[Arizona Microtek, Inc]
|